Part Number Hot Search : 
FU9024 12C10 SMCJ30 TLWR8 121001 MMBD142W FDS8958 AM7960DC
Product Description
Full Text Search
 

To Download IRGMC40F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRGMC40F insulated gate bipolar transistor e c g n-channel features v ces = 600v v ce(on) max = 2.0v @v ge = 15v, i c = 20a parameter max. units v ces collector-to-emitter breakdown voltage 600 v i c @ t c = 25c continuous collector current 35* i c @ t c = 100c continuous collector current 20 a i cm pulsed collector current ? ? ? ? ? 152 i lm clamped inductive load current ? ? ? ? ? 152 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 125 w p d @ t c = 100c maximum power dissipation 50 t j operating junction and -55 to + 150 t stg storage temperature range c lead temperature 300 (0.063in./1.6mm from case for 10s) weight 9.3 (typical) g absolute maximum ratings 02/20/02 www.irf.com 1 fast speed igbt  electrically isolated and hermetically sealed  simple drive requirements  latch-proof  fast speed operation 3 khz - 8 khz  switching-loss rating includes all "tail" losses insulated gate bipolar transistors (igbts) from international rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power mosfet. they provide substantial benefits to a host of high-voltage, high-current applications. to-254aa thermal resistance parameter min typ max units test conditions r thjc junction-to-case ? ? 1.0 r thcs case-to-sink ? 0.21 ? r thja junction-to-ambient ? ? 48 c/w pd -90716b the performance of various igbts varies greatly with frequency. note that ir now provides the designer with a speed benchmark (f ic/2 , or the "half-current frequency "), as well as an indication of the current handling capability of the device. description * current is limited by pin diameter for footnotes refer to the last page
2 www.irf.com IRGMC40F parameter min. typ. max. units conditions q g total gate charge (turn-on) ??? 58 116 i c = 20a q ge gate - emitter charge (turn-on) ??? 8.0 16 nc v cc = 300v see fig. 8 q gc gate - collector charge (turn-on) ??? 30 60 v ge = 15v t d(on) turn-on delay time ??? ??? 52 i c = 20a, v cc = 480v t r rise time ??? ??? 74 v ge = 15v, r g = 9.1 ? t d(off) turn-off delay time ??? ??? 410 energy losses include "tail" t f fall time ??? ??? 420 see fig. 9, 10 & 13 e on turn-on switching loss ??? 0.6 ??? e off turn-off switching loss ??? 3.8 ??? e ts total switching loss ??? 4.4 9.0 t d(on) turn-on delay time ??? 28 ??? t j = 125c t r rise time ??? 37 ??? i c = 20a, v cc = 480v t d(off) turn-off delay time ??? 380 ??? v ge = 15v, r g = 9.1 ? t f fall time ??? 460 ??? energy losses include "tail" e ts total switching loss ??? 7.0 ??? see fig. 11, 13 l c +l e total inductance ??? 6.8 ??? nh measured from collector lead (6mm/ 0.25in. from package) to emitter lead (6mm / 0.25in. from package) c ies input capacitance ??? 1500 ??? v ge = 0v c oes output capacitance ??? 190 ??? pf v cc = 30v see fig. 7 c res reverse transfer capacitance ??? 20 ??? ? = 1.0mhz c res reverse transfer capacitance ??? 12 ??? parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 600 ??? ??? v v ge = 0v, i c = 1.0 ma v (br)ecs emitter-to-collector breakdown voltage 24 ??? ??? v v ge = 0v, i c = 1.0 a ? v (br)ces / ? t j temperature coeff. of breakdown voltage ??? 0.7 ??? v/ cv ge = 0v, i c = 1.0 ma ??? ??? 2.0 i c = 20a v ge = 15v v ce(on) collector-to-emitter saturation voltage ??? 2.2 ??? i c = 35a see fig.5 ??? 1.9 ??? i c = 20a , t j = 125 c v ge(th) gate threshold voltage 3.0 ??? 5.5 v ce = v ge , i c = 250 a ? v ge(th) / ? t j temperature coeff. of threshold voltage ??? -12 ??? mv/ cv ce = v ge , i c = 250 a g fe forward transconductance  9.2 ??? ??? sv ce 15v, i c = 20a ??? ??? 50 v ge = 0v, v ce = 480v ??? ??? 1000 v ge = 0v, v ce = 480v, t j = 125 c i ges gate-to-emitter leakage current ??? ??? 100 na v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) i ces zero gate voltage collector current a switching characteristics @ t j = 25c (unless otherwise specified) v ? ? ? ? ? ns mj ns mj for footnotes refer to the last page note: corresponding spice and saber models are available on the website.
www.irf.com 3 IRGMC40F fig. 1 - typical load current vs. frequency (for square wave, i=i rms of fundamental; for triangular wave, i=i pk ) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics
4 www.irf.com IRGMC40F fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature
www.irf.com 5 IRGMC40F fig. 10 - typical switching losses vs. junction temperature fig. 9 - typical switching losses vs. gate resistance fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 7 - typical capacitance vs. collector-to-emitter voltage
6 www.irf.com IRGMC40F fig. 11 - typical switching losses vs. collector-to-emitter current 125 c
www.irf.com 7 IRGMC40F 480v 4 x i c @ 25c d.u.t. 50v l v * c   * driver same t y p e as d.u.t.; vc = 80% of vce ( max ) * note: due to the 50v p ow er su p p l y , p ulse width and inductor w ill increase to obtain rated id. 1000v fig. 12a - clamped inductive load test circuit fig. 12b - pulsed collector current test circuit 480f 960v 0 - 480v r l = t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% v c i c e on e off ts on off e = (e +e )    fig. 13b - switching loss waveforms 50v driver* 1000v d.u.t. i c c v     l fig. 13a - switching loss test circuit * driver same type as d.u.t., vc = 480v
8 www.irf.com IRGMC40F case outline and dimensions ? to-254aa ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 02/02 notes:  repetitive rating; v ge = 20v, pulse width limited by max. junction temperature.  v cc = 80%(v ces ), v ge = 20v, l = 10h, r g = 10 ?  pulse width 80s; duty factor 0.1%.  pulse width 5.0s, single shot. 6.60 [.260] 6.32 [.249] 1.27 [.050] 1.02 [.040] 0.12 [.005] 13.84 [.545] 13.59 [.535] 13.84 [.545] 13.59 [.535] 3.81 [.150] 2x 17.40 [.685] 16.89 [.665] a 1.14 [.045] 0.89 [.035] 0.36 [.014] b a 3x b 20.32 [.800] 20.07 [.790] 3.78 [.149] 3.53 [.139] 123 17.40 [.685] 16.89 [.665] 3.81 [.150] 0.84 [.033] max. c 6.60 [.260] 6.32 [.249] 1.27 [.050] 1.02 [.040] 0.12 [.005] 13.84 [.545] 13.59 [.535] 13.84 [.545] 13.59 [.535] 3.81 [.150] 2x 22.73 [.895] 21.21 [.835] 17.40 [.685] 16.89 [.665] a 1.14 [.045] 0.89 [.035] 0.36 [.014] b a 3x 4.06 [.160] 3.56 [.140] b r 1.52 [.060] 123 4.82 [.190] 3.81 [.150] 20.32 [.800] 20.07 [.790] 3.78 [.149] 3.53 [.139] not e s : 1. dimens ioning & t ol erancing per as me y14.5m-1994. 2. al l dime ns ions ar e s hown in mil l ime t e rs [inche s ]. 3. cont rolling dimension: inch. 4. conforms to jedec outline to-254aa. caution beryllia warning per mil-prf-19500 packages containing beryllia shall not be ground, sandblasted, machined or have other operations performed on them which will produce beryllia or beryllium dust. furthermore, beryllium oxide packages shall not be placed in acids that will produce fumes containing beryllium. legend 1 = collector 2 = emitter 3 = gate


▲Up To Search▲   

 
Price & Availability of IRGMC40F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X